Part Number Hot Search : 
001444 F740SPBF A8735 74HCT368 2N558 CN6010 AN1330 AD5757
Product Description
Full Text Search
 

To Download SA10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SA5.0 thru SA170CA
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
CHENG- YI
ELECTRONIC
VOLTAGE 6.8 to 144 VOLTS 400 WATT PEAK POWER 1.0 WATTS STEADY STATE
DO-15
FEATURES
Plastic package has Underwrites Laboratory Flammability Classification 94V-O Glass passivated chip junction 500W Peak Pulse Power capability on 10/1000 s waveform Excellent clamping capability Repetition rate (duty cycle):0.01% Low incremental surge resistance Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirctional and 5.0ns for bidirctional types Typical ID less than 1 A above 10V High tempreature soldering guaranteed: 300 0C/10 seconds .375", (9.5mm) lead length/51bs.,(2.3kg) tension
MECHANICAL DATA
Case:JEDEC DO-15 Molded plastic over passivated junction Terminals:Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity:Color band denotes positive end (cathode) except Bidirectionals types Mounting Position Weight:0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified.
RATINGS Peak Pulse Power Dissipation on 10/1000 Peak Pulse Current of on 10/1000 Steady Power Dissipation at TL=75 C Lead Lengths .375",(9.5mm)(NOTE 2) Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load, unidirrctional only (JEDEC Method)(NOTE 3) Operating Junction and Storage Temperature Range
0
SYMBOL s waveform (NOTE 1,2,Fig.1) PPPM IPPM PM(AV0 s waveform (NOTE 1,Fig.3)
VALUE Minimum 5000 SEE TABLE 1 1.0
UNITS Watts Amps Watts Amps
0
IFSM TJ, TSTG
70.0 -65 to + 175
C
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=250C per Fig.2 2. Measured on copper Leaf area of 1.57 in2 (40mm2) per Figure 5 3. 8.3ms single half sine-wave or equivalent square wave, Duty Cycle=4 pulses per minutes maximum.
SA5.0 thru SA170CA
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES SA5.0 THRU SA170CA
Fig. 1 - PEAK PULSE POWER VS PULSE TIME
PEAK PULSE POWER (P PP) OR CURRENT (l PP) DERATING PERCENTAGE %
100
Fig. 2 - PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, kW
100
Non-Repetitive Pulse waveform Shown in Flgure 3 TA=250C
75
10
50
1.0
25
0.1 0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0 0 25 50 75 100 125 150 175 200
td, PULSE WIDTH, SEC
TA, AMBIENT TEMPERATURE, 0C
Fig. 3 - PULSE WAVEFORM
150
Fig. 4 - TYPICAL JUNCTION CAPACIT ANCE UNIDIRECTIONAL
6,000 4,000
0 TJ=25C f=1.0MHz Vsig=50mVp-p
IPPM, PEAK PULSE CURRENT, %
tf=10 se Peak Value Ippm
TA=250C Pulse Width (td) is Defined as the Poitn Where the Peak Current Decays to 50% of Ipp
2,000
Measursd at Zero Bias
100
CJ, CAPACITANCE, pF
Half Value-Ipp 2 50 10/1000 sec Waveform as Defined by R.E.A e-kt td 0 1.0 2.0 3.0 4.0
1,000 800 600 400 200 100 80 60 40 20
Measursd at Stand-Off Voltage(V MW)
0
t, TIME, ms
Pm (AV) STEADY STATE POWER DISSIPATION, WATTS
Fig. 5 - STEADY STATE POWER DERATING CURVE
1.6 1.4 1.2
10 1.0
2.0
10
20
100 200
V(WM), REVERSE STAND-OFF VOLT AGE, VOLTS
Fig. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
IFSM, PEAK FORWARD SURGE CURRENT AMPERES
200
TJ=TJ max
1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 200
40mmx40mmx1mm Cu (1.58"x1.58"x.040")
l=375"(9.5mm)
100
8.3ms Single Half Sine Wave JEDEC Method
50
TL, LEAD TEMPERATURE, 0C
10 1 2 4 6 8 10 20 40 60 80100
NUMBER OF CYCLES AT 60 Hz


▲Up To Search▲   

 
Price & Availability of SA10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X